Part Number Hot Search : 
796MJ D1406 G60CT TLE4286 P6KE68CA STM8330 G5904 AT209SG
Product Description
Full Text Search
 

To Download EC5575A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ec5 575a 1 4 + 1 c h annels v o l tag e b u ffer w i th otp/ocp fo r tft lcd e - cmos corp. (ww w .e c mo s . c om.tw) 3k29 n - rev. f 001 1 / 6 fe a tures ? w ide supply vo lt age range 6.5v ~ 18v ? rail - to - rail o u t p u t sw i n g ( t he hi gh e s t t wo stage & l ow e st two sta g e) ? high slew rate 30 v/s for vcom buffer ? 30 m hz - 3 d b b a n d w idt h fo r vco m b u ff e r ? ov e r tempe rat u re p r o te ctio n (o t p ) ? over current prot ection (ocp) ? larg e vco m driv e current : 100m a (ma x ) ? ultra - sm a ll package tqfp - 48 a p p l i c a tions ? tft - lcd reference driver general description t h e e c5 5 7 5 a is a 1 4 + 1 ch a n n e l v o lta g e b u ff e rs t h a t b u ff e rs re f e ren c e v o lta g e f o r g a m m a co rr e ctio n in a th in fi l m tra n sist o r li q u id cr y sta l d ispla y (t ft l cd ). t h is d e v ice inco rpo ra tin g a v co m a m p li f ier cir cu it , f o ur rail to r a il b u ff e r a m p li f ier cir cu its (t h e h ig h e st tw o st a g e and low e st tw o sta g e ) a n d 1 0 b u ff e r a m p li f iers cir cu its. the e c55 7 5 a is a v a il a b le in a sp a c e sa v ing 48 - pi n t qf p p a cka g e , an d th e o p e ratin g te m p e rat u re is f ro m C 2 0 c to + 8 5 c. p in a s s i gn m e nt the EC5575A is a 1 4 +1 channel volta g e buffers that buffers reference voltage for gamma correction in a thin fi l m transistor liquid crystal display (tft l cd). this device inco rporating a vcom amplifier circuit, f o ur r ai l to r ai l b uf f er a m pl i f i er c i r c ui ts (the highest two stage and lowest two stage) and 1 0 buffer amplifiers circuits. the EC5575A is available in a s pace saving 48 - pi n tqf p package , an d th e operating temperature is from C 20c to +85c. ? s up ply v oltage r ange 6v ~ 18v ? rail - to - r ail o utput voltage s wing ? high s lew r ate --- vcom buffer 30v/s --- gamma buffer 2 v/s ? thermal shutdown protection ? short - ci r c ui t current limit protection ? continuous output driv e current --- vcom buffer 100 m a (ma x ) --- gamma buffer 3 0m a (ma x ) ? ultra - sm a ll package tqfp - 48 l(exposed pad) http://
ec5 575a 1 4 + 1 c h annels v o l tag e b u ffer w i th otp/ocp fo r tft lcd e - cmos corp. (ww w .e c mo s . c om.tw) 3k29 n - rev. f 001 2 / 6 orde ring informa tio n part no. t op mark package d e scription EC5575A nght as15 - hf yyww t lllllll l tqfp - 48 l ( exposed p ad ) yyww is date code, lllllll is lot no. t tracking code
ec5 575a 1 4 + 1 c h annels v o l tag e b u ffer w i th otp/ocp fo r tft lcd e - cmos corp. (ww w .e c mo s . c om.tw) 3k29 n - rev. f 001 3 / 6 parameter de s cription conditi o n min t y p max units input c h ara c teristi c s v os input offset voltage v c m = 0v 2 12 mv tcv os average offset voltage dr i ft [1] 5 v/c i b input bias c u rr e nt v c m = 0v 2 50 na r in input imped a nce 1 g c in input ca p aci t ance 1.35 pf outp u t c h a r act e ristics v ol output swing low i l = - 5ma (a, b, m , n, com buffers) - 4.92 - 4.85 v v oh output swing high i l = 5ma (a, b, m , n, com buffers) 4.85 4.92 v v ol output swing low i l = - 5ma (c ~ l buffers) - 3 .5 v v oh output swing high i l = 5ma (c ~ l buffers) 3.5 v i sc( a~n ) short cir c uit current (a ~ n buffers) 120 ma i ou t ( a~n ) output current (a ~ n buffers) 30 ma i sc(c o m) short cir c uit current (com buff e r) 300 ma i ou t (com) output current (co m buff e r) 100 ma p o w e r supp l y performance psrr p o w e r s u pp l y reject i on r a tio v s is moved from 3.25v to 7.75v 60 80 db i s ( a~r ) sup pl y curr e nt (per amplifier) no l o ad (a ~ n buffers) 500 750 a i s (co m) supply current (com buffer) 3 ma d y namic pe r forman c e sr a~ r slew rate [2] - 4.0v Q v ou t Q 4.0v, 20% to 8 0 % 2 v/s sr com slew rate [2] - 4.0v Q v ou t Q 4.0v, 20% to 8 0 % 30 v/s t s settling to +0.1% (av = + 1 ) (av = + 1 ), v o =2v step 5 s bw a~ r - 3db ban d w i dth rl = 1 0 k , cl = 10pf 2 mhz bw com - 3db ban d w i dth rl = 1 0 k , cl = 10pf 30 mhz pm phase m arg i n rl = 1 0 k , cl = 1 0pf 60 degrees cs ch a nnel se p aration f = 1 mhz 75 db temper a tu r e performa nc e temp ther m al shu t d o w n 150 1. meas u r e d over op e rati n g temperature ran g e 2. slew rate i s me a s u re d o n risi n g and f alling ed g es absolute m ax i mum r a tings ( t a = 25 c) v a lue s b e y o n d a b so l u t e max im u m r a tin g s m a y ca u se p e r m a n e n t d a m a g e t o t h e d e v ice. th e se a re stre ss ratin g s o n ly ; f u n ctio n a l d e v ice o p e rat io n is not im p li e d . exposure to amr conditions for extended periods may affect device reliabili t y. su p pl y v o lt a g e be t w e e n v s+ a n d v s - +18v storage t e mperature - 65c to +150 c input volt a ge ( for rail - to - ra i l ) v s - 0.5v, v s + 0.5v operati n g t e mperatu r e - 4 0c to +85c maximum con t inuous output current (a ~ n b uffers) maximum c o n t in u ous output current( c om b u ffer) maximum d i e t e mperature 30ma 100ma +150c le a d t e mperature esd voltage 260 c 2kv im port a nt not e : all paramet er s having min / max sp e c ific a tions are gu a ranteed. typical values a re for informati o n pur p oses o n ly . unless ot h erw i s e n oted, all tests are at the sp e c ified temp e rat u re and a re pu lsed t e sts, theref o re: t j = t c = t a el ec t r i c a l c h a r a c t er i st i cs v s + = +5v, v s - = - 5v, r l = 10k ? a nd c l = 1 0 pf , t a = 25 c u nless o the r w ise specif i ed.
e - cmos corp. (ww w .e c mo s . c om.tw) 3k29 n - rev. f 001 ec5 575a 1 4 + 1 c h annels v o l tag e b u ffer w i th otp/ocp fo r tft lcd 4 / 6 applic a tions inform a t ion product de s cription the EC5575A rail - t o - rail 1 4 +1 cha n ne l voltage buffers are built on an a d vanc e d high voltage cm o s process. its beyond rai l s input c a pabili t y and full sw i ng of output ran g e made itself an ideal amplifier for use in a wide ran g e of g e n era l - p u rp o s e appl i c atio n s . the feat u r e s of high s lew rate ( vcom: 30v/s , gammas: 2 v/s) , fa s t s ettling time, high unity - gain bandwidth ( vcom: 30 mhz, gammas: 2mhz ) as well as h igh ou t put driving capability have proven t h e EC5575A a g o o d voltage ref e re n c e b uffer i n tft - lc d for grayscale r e fere n c e appl i c atio n s . high ph a se m a rgin and extr e m e ly low p o w e r co n s u m ption ( vcom: 3ma, gammas: 500a) m a ke the EC5575A ideal f o r c o n n e c ted in voltage foll o wer m o de for low pow e r high drive ap plicati o ns . s u p p l y v o lt age , inp u t r a n g e and o u tput s w i n g t he e c557 5a c a n be o p erate d w i t h a s i ng l e nom i na l w i de s u pp l y v ol t a ge r an g i ng f r om 6v to 18v wi t h s tab l e p e r f or m an c e ov er ope r ati ng tem pe r atu r e s o f - 2 0 c t o + 8 5 c. w i th 5 0 0m v great e r th a n r a i l - to - r ai l i n pu t c om m o n m od e v o l ta g e r an ge a n d 7 5d b of com m o n mo d e rej e c ti o n r a t i o, the e c5 57 5 a al l o w s a w i d e r a nge se n s i n g am o ng m an y a p p l i c at i o n s wi t ho ut ha v i ng any co n c e r n s ov er ex c ee d i ng th e ra n ge a n d no c om p r om i s e i n ac c u r a c y . t he out p ut s wi n g s of the e c5 57 5 a t y p i c al l y ex ten d to w i t hi n 8 0 m v of po s i ti v e a nd n eg at i v e s u p p l y r ai l s wi t h lo a d c urr en ts of 5m a . t he out p ut v ol t ag e s w i n g c an b e ev en c l o s er to t he su p pl y r a i l s b y m erel y d ec r e as i ng the l oa d c u rr e nt. f i gu re 1 sh o w s t h e i n pu t an d ou t p ut w a v ef or m s f or the de v i c e i n th e u ni t y - ga i n c o nf i g urati on . t he amplifier i s o perat e d un de r 10 v supply with a 1 0 k and 10pf load co n n e c ted to gnd. the input is a 10vp - p sin u so i d. an approximately 9.985 v p - p of o utp u t voltage swing can be e asily achiev e d. figure 1. ope r ation w i t h r a i l - to - rail i n put a n d output outp u t sho r t circuit cu r rent li m it a n output sh o rt cir cuit current ( vcom: 30 0ma , gammas: 120ma ) will be limited by the EC5575A if the output is dir e c t ly short e d to the positive or the n e gative su p ply. for an indefinitely output sh o rt circuit, the p ow e r d i ss i pa t ion could ea s ily incre a se s u ch that the device may be dam a ged. the inter n al metal interc o nn e ctio n s are well d e sig n ed to prevent the output c o ntinuo u s current from exceedi n g 3 0 ma for gammas and 1 0 0 ma for vcom such that the maxi m um reliability can be well maintained. outp u t pha s e re v ersal the EC5575A is desig n ed to prevent its output fr o m being p h a s e reversal as l ong a s the i n put voltage is limited from v s - 0.5v to v s+ 0.5v. figure 2 sh ow s a photo of the device o u tput with its input voltage driven b eyo n d the supply rails. althou g h the ph a se of the dev ice ' s output will not be reversed, the input's over - volt a ge sh o uld be avoided. an impro p er input voltage exc e eds su p ply r a nge by m o re t han 0.6v may result in an ov er str e ss d a mage. figure 2. o p eration w i th b e y ond - the rails input p o w e r diss ipation the EC5575A is d e si g ned f or maxim u m output curre n t ca p ability. even though m oment a ry output sh o rted to gro u nd ca u s e s little dama g e to the device. f or the hi gh dri v e a m pl i f i er e c5 57 5 a , it is p o s s i bl e t o ex c e e d th e 'a bs o l ute - m ax i m u m ju n c ti on tem pe r a ture' un d e r c ert ai n l oa d c u rr e nt co n di ti o n s . t he r e f o r e, it i s i m po r t a nt to ca l c ul a te the m ax i m u m ju n c t i on tem pe r atu r e f or th e ap p l ic ati o n to de term i ne i f l oa d c o n d i ti o n s n e ed to b e m o di f i ed f or t h e am pl i f i er to r em a i n in t h e s af e op e r ati n g are a. t he m a x i m u m po w er d i s s i p a ti o n a l l o wed i n a p a c k a g e i s det e r m i n ed ac c ordi ng to : p d m a x = t j m a x - t a m a x ja
e - cmos corp. (ww w .e c mo s . c om.tw) 3k29 n - rev. f 001 ec5 575a 1 4 + 1 c h annels v o ltage buffer with otp/ocp fo r tft lcd 5 / 6 wh e r e: t jm ax = m ax i m u m j un c ti on t e m pe r atu r e t a m ax = ma x i m u m a m bi e n t t e m pe r atu r e ja = t h e rm a l res i sta n ce of the packa g e p dmax = maximum pow e r dissi p ation in the package. the maxim u m pow e r diss i pation act u ally produced b y an ic is t h e total qui e s ce n t supply current times the total pow e r supply voltag e , plus the po wer i n the ic due to the lo a ds, or: p d m ax = i [ v s * i s m ax + (v s+ C v o ) * i l ] wh e n s o urci n g, and p d m ax = i [ v s * i s m ax + ( v o C v s - ) * i l ] wh e n s i n k ing. wh e re: i = 1 to 15 v s = total supp ly voltage i smax = maximum supply current per a mplifier v o = maximum output voltage of the a p plicati o n i l = load current r l = l o ad r e sist a nce = ( v s+ C v o )/ i l = ( v o C v s - )/ i l a calculati o n for r l to prevent device from over h eat can b e eas i ly solved by sett ing the two p dm a x equati o ns eq ual to each other. dri v ing ca p aciti v e loads the EC5575A is desig n ed to drive a wide r a nge of ca p acitive l o ads. in a dd ition, the output c u rrent handl i ng ca p ability of the device all o ws f o r go o d sl e wing c h aracter i stics ev en wi th large cap a citive loa d s. the combinati o n of these features m a ke the EC5575A ide a lly for applications s u ch as tft l cd panel gra y scale refer e nce voltage buff e rs, adc i n put amplifiers, etc. a s l oa d c a p ac i t a n c e i n c r e as es , h o w e v er, the - 3 d b ban d wi dth o f the d e v i c e wi l l d e c r e a s e a nd t h e pe a k i ng i nc r e as e. dep en d i ng on the ap p l i c a ti o n, i t m u s t be ne c es s ar y to r ed u c e pe ak i ng a nd t o i m prov e de v i c e s tab i l i t y . t o i m prov e de v i c e s tab i l i t y , a s m al l v a l u e o f s er i es r es i st o r ( us ua l l y b et w e en 5 a n d 50 ) must be pl a c ed in ser i es with the output. the advant a ge is that it improv e s the settling a n d overshooti n g perf o rma n c e with very large capacitive loads. figure 3 sh ow s the t ypical a pplication c onfiguration . figure 3 . typical applica tion configuration. p o w e r su p p l y b y p as si n g and p r int ed ci r cuit bo ar d l a y out with high p h ase m a rgin, the EC5575A perfor m s stab l e gain at high freque n cy. like any high - freq u e n cy device, g o od l ayout of the p rinted circuit board u s ually com e s with optimum p e rforma n c e. g rou n d pla n e co n s tr u c tion is highly recomme n ded, l ead le n gt h s sh o uld be as sh o rt as possible and the power s u pply pins m u st b e well byp a ssed to r e d u ce the r i sk of oscillation. fo r normal sin g l e supply operation, where the v s - pin is conn e cted t o ground, a 0.1 f ceram i c ca p acit o r sh o uld be placed from v s+ pin to v s - pin as a byp a ss i ng ca p acit o r. a 4. 7 f tantal u m c a p a citor sh o uld then be co n n e c t e d in parallel, placed in the regi o n of the amplifier. one 4.7f ca p acitor may be us e d for m ultiple dev ic es. th i s s a me cap a cit o r comb i nation sh o uld be p l ac e d at each supply pin to gro u nd if split suppl i es a re to be us e d.
e - cmos corp. (ww w .e c mo s . c om.tw) 3k29 n - rev. f 001 ec5 575a 1 4 + 1 c h annels v o ltage buffer with otp/ocp fo r tft lcd 6 / 6


▲Up To Search▲   

 
Price & Availability of EC5575A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X